Part Number Hot Search : 
NTE18 E2033S 9S12G BM8290 RN2325A UPB410D 1N5339BG DS2711Z
Product Description
Full Text Search
 

To Download BR81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC8005 THRU KBPC810 BR805 THRU BR810
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max. l Weight:0. 20ounce, 5.62 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS
VOLTAGE RANGE CURRENT
50 to 1000 Volts 8.0 Amperes
0.52( 13.2) 0.48( 12.2) 0.07( 1.8) x45 + AC 0.52( 13.2) 0.48( 12.2) AC 0.77( 19.6) 0.73( 18.5)
0.16( 4.1) 0.14( 3.6) DIA
0.77( 19.6) 0.73( 18.5)
0.30( 7.6) 0.25( 6.4)
0.85( 21.6) MIN
0.75( 19.0) MIN
0.08( 2.0) MIN 0.052( 1.3) DIA. 0.048( 1.2) TYP.
Dimensions in inches and (millimeters)
BR805 BR81 BR82 BR84 BR86 KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806
BR88 BR810 KBPC808 KBPC810
UNITS Volts Volts Volts
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage TC=50(Note1) Maximum Average Forward Rectified Output Current, at TC=100(Note1) TA=50(Note2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 4.0A Maximum DC Reverse Current at rated TA=25 oC DC blocking voltage TA=150o C Isolation Voltage from case to leads Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range
VRRM VRMS VDC
50 35 50
100 70 100
200 140 200
400 280 400 8.0
600 420 600
800 560 800
1000 700 1000
I(AV)
6.0 6.0
Amps
IFSM I2T VF IR VISO RJC TJ TSTG
125 64 1.1 5.0 1.0 2500 6.0 -55 to +150 -55 to +150
Amps A2S Volts Amps mAmps VAC /W
NOTES: 1. Unit mounted on 8.7"x8.7"x0.24" thick (22x22x0.6 cm) Al. plate. 2. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.47"x0.47" (12x12mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBPC8005 THRU KBPC810 BR805 THRU BR810
VOLTAGE RANGE CURRENT 50 to 1000 Volts 8.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of BR81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X